Part Number Hot Search : 
5801910 SRS2030 L2SA1576 MX7847BQ 1N57436 AN8472SA S1210DS D1608
Product Description
Full Text Search
 

To Download 4B06B-504-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

Overvoltage/lightning protection to ITU-T K.20/K.21/K.45 Resettable overcurrent protection Typical application is secondary protection on telecom line cards
4B06B-504-RC - Surge Line Protection Module
Electrical Characteristics
Resistance Value, 50 Ohm R1=R2=42 ohms ......................................................................1 % Ratio Tolerance R1/R2 .............................................................1 % Resistance Value, 100 Ohm R1=R2=92 ohms ......................................................................1 % Ratio Tolerance R1/R2 .............................................................1 % PPTC, R3 & R4, 8 Ohms Nominal Value Resistance Range .............................................5 ohms to 15 ohms Ratio Tolerance R3/R4.........................Matched to within 0.7 ohms Trip Time at 1 Amp ...............................................2 seconds at 25 C Hold Current ............................................................................130 ma Temperature Range ..................................................-40 C to +85 C
Product Dimensions
10.67 (.420) MAX. SEATED HEIGHT 4B06B-504-500 DCODE
38.35 (1.510)
5.08 (.200) MAX.
1 3.43 .38 (.135 .015)
5
7 5.08 (.200)
9
11
15 .51 (.020)
0.36 (.014) MAX.
Physical Characteristics
Body Style ................................................................Open Frame SIP Substrate Material ........................................................96 % Alumina Lead Frame Material .......................................Copper, solder coated Flammability.....................................................Conforms to UL94V-0
1.40 (.055)
10.16 (.400) 2 PLCS.
Functional Characteristics
Lightning Surge Test ............................................10 x 700 s, 1.5 kV Power Induction..................................................................300 V rms Power Contact....................................................................220 V rms
DIMENSIONS:
MILLIMETERS (INCHES)
Electrical Schematic
4B06B-504-500 DCODE
R3 R1 R2
R4
1
5
7
9
11
15
How To Order
4B 06 B - 504 - XXX
Model (4B = Open Frame) Number of Pins Physical Configuration Electrical Configuration 504 = Matched pair of resistors plus PPTC
Circuit Protection Division
Asia-Pacific: TEL +886- (0)2 25624117 FAX +886- (0)2 25624116 Europe: TEL +41-41 7685555 FAX +41-41 7685510 The Americas: TEL +1-951 781-5500 FAX +1-951 781-5700
Resistance Code * 500 = 50 * 101 = 100
www.bourns.com
REV. 12/04 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 4B06B-504-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X